AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|